Part Number Hot Search : 
2SC3298B D22396EJ TY0137A TLS263P SS12SDP2 63A05 MPSH10 MM3Z12
Product Description
Full Text Search
 

To Download 1N4006SG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001SG THRU 1N4007SG
1.0 AMP. Glass Passivated Rectifiers
Voltage Range 50 to 1000 Volts Current 1.0 Ampere
Features
Low forward voltage drop High current capability High reliability High surge current capability 0.6mm leads
A-405
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Axial leads, solderable per MIL-STD202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 0.22 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% 1N 1N Symbol 4001SG 4002SG Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375" (9.5mm) Lead Length @TA = 50 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @1.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Typical Thermal Resistance (Note 2) Typical Junction Capacitance ( Note 1 ) Operating and Storage Temperature Range
1N 1N 1N 1N 1N 4003SG 4004SG 4005SG 4006SG 4007SG
Units V V V A A V uA uA O C/W pF
VRRM VRMS VDC I(AV) IFSM VF IR RJA
50 35 50
100 70 100
200 140 200
400 280 400 1.0 30 1.0
600 420 600
800 560 800
1000 700 1000
Cj
TJ,TSTG
5.0 100 80 10 - 65 to + 150
Note: 1.Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
2. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.
- 470 -
RATINGS AND CHARACTERISTIC CURVES (1N4001SG THRU 1N4007SG)
50
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
1.50 1.25 1.00 .75 .50 .25 0
PEAK FORWARD SURGE CURRENT. (A)
40
30
20
10
0
1
2
4
6
8
10
20
40
60 80 100
25
50
NUMBER OF CYCLES AT 60Hz
75 100 125 o AMBIENT TEMPERATURE. ( C)
150
175
FIG.3- TYPICAL JUNCTION CAPACITANCE
100
FIG.4- TYPICAL FORWARD CHARACTERISTICS
10
INSTANTANEOUS FORWARD CURRENT. (A)
.1 .5 1 2 5 10
JUNCTION CAPACITANCE.(pF)
1.0
10
0.1
1
.01
.4
.6
.8
1.0
1.2
1.4
1.6
REVERSE VOLTAGE. (V)
FORWARD VOLTAGE. (V)
- 471 -
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1N4006SG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X